Part Number Hot Search : 
BSX52A ISL2902 MAX265 MB3730A B2312BS1 A115E 1000W DS1236A
Product Description
Full Text Search
 

To Download C6017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sa2169 / 2sC6017 no.8275-1/5 applications ? relay drivers, lamp drivers, motor drivers. features ? adoption of mbit process. ? large current capacitance. ? low collector-to-emitter saturation voltage. ? high-speed switching. specifications ( ) : 2sa2169 absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--50)100 v collector-to-emitter voltage v ceo (--)50 v emitter-to-base voltage v ebo (--)6 v collector current i c (--)10 a collector current (pulse) i cp pw 100 m s (--)13 a base current i b (--)2 a collector dissipation p c 0.95 w tc=25 c20w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit collector cutoff current i cbo v cb =(--)40v, i e =0 (--)10 m a emitter cutoff current i ebo v eb =(--)4v, i c =0 (--)10 m a dc current gain h fe v ce =(--)2v, i c =(--)1a 200 (560)700 gain-bandwidth product f t v ce =(--)5v, i c =(--)1a (130)200 mhz output capacitance cob v cb =(--)10v, f=1mhz (90)60 pf collector-to-emitter saturation voltage v ce (sat) i c =(--)5a, i b =(--)250ma (--290)180 (--580)360 mv base-to-emitterr saturation voltage v be (sat) i c =(--)5a, i b =(--)250ma (--)0.93 (--)1.4 v continued on next page. sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan ordering number : enn8275 32505ea ts im tb-00001269 any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. 2sa2169 / 2sC6017 pnp / npn epitaxial planar silicon transistors high-current switching applications .com .com .com 4 .com u datasheet free datasheet http://www.datasheet-pdf.com/
2sa2169 / 2sC6017 no.8275-2/5 continued from preceding page. ratings parameter symbol conditions min typ max unit collector-to-base breakdown voltage v (br)cbo i c =(--)100 m a, i e =0 (--50)100 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)50 v emitter-to-base breakdown voltage v (br)ebo i e =(--)100 m a, i c =0 (--)6 v turn-on time t on see specified test circuit. (70)40 ns storage time t stg see specified test circuit. (650)1000 ns fall time t f see specified test circuit. (60)80 ns package dimensions package dimensions unit : mm unit : mm 2045b 2044b switching time test circuit 1 : base 2 : collector 3 : emitter 4 : collector sanyo : tp 5.0 6.5 0.85 0.7 0.6 1.5 5.5 7.0 0.8 1.6 7.5 0.5 1.2 2.3 0.5 1 23 4 2.3 2.3 v r r b v cc =20v v be = --5v + + 50 w input output r l 100 m f 470 m f pw=20 m s i b1 d.c. 1% i b2 i c =20i b1 = --20i b2 =3a for pnp, the polarity is reversed. 6ma --5.0 --3.0 --4.5 --4.0 --3.5 --2.0 --2.5 --1.0 --1.5 --0.5 5.0 3.0 4.5 4.0 3.5 2.0 2.5 1.0 1.5 0.5 0 --0.5 0 --1.0 --1.5 --2.0 i c -- v ce --2ma --6ma --8ma --10ma i b =0 it08961 0.5 0 1.0 1.5 2.0 0 i c -- v ce i b =0 2ma 4ma 8ma 10ma 20ma 12ma 14ma 16ma it08962 2sa2169 2sC6017 --18ma --16ma 18ma --12ma --4ma --14ma --20ma collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a 1 : base 2 : collector 3 : emitter 4 : collector sanyo : tp-fa 6.5 2.3 0.5 1.5 5.5 0.8 7.0 1.2 2.5 5.0 0.85 0.5 1.2 0 to 0.2 2.3 2.3 0.6 12 4 3 .com .com .com .com 4 .com u datasheet free datasheet http://www.datasheet-pdf.com/
2sa2169 / 2sC6017 no.8275-3/5 75 c ta=75 c 25 c --25 c 1000 100 7 7 5 3 2 5 --0.01 3 25 --10 --0.1 73 257 3 257 --1.0 h fe -- i c 2sa2169 v ce = --2v 1000 100 7 7 5 3 2 5 0.01 3 25 10 0.1 73 257 3 257 1.0 it08965 h fe -- i c it08966 0 0 i c -- v be it08964 ta= --25 c 25 c 2sa2169 v ce = --2v --1.0 --0.8 --0.6 --0.4 --0.2 1.0 0.8 0.6 0.4 0.2 0 0 --0.2 --0.1 --0.4 --0.3 --0.6 --0.5 --0.8 --1.0 --0.7 --0.9 0.2 0.1 0.4 0.3 0.6 0.5 0.8 1.0 0.7 0.9 i c -- v be it08963 75 c ta= --25 c 25 c 2sC6017 v ce =2v ta=75 c 25 c --25 c 2sC6017 v ce =2v f t -- i c 3 100 10 2 7 5 3 2 --0.01 257 3 --0.1 257 3257 3 --1.0 --10 it08969 2sa2169 v ce = --5v f t -- i c it08970 2sC6017 v ce =5v cob -- v cb 3 2 2 7 5 3 100 it08968 2sC6017 f=1mhz cob -- v cb 5 3 2 7 5 3 100 37 --0.1 25 2 --1.0 37 5237 5 --10 37 0.1 25 2 1.0 37 5237 5 10 it08967 2sa2169 f=1mhz 3 100 10 2 7 5 3 2 0.01 257 3 0.1 257 3257 3 1.0 10 base-to-emitter voltage, v be -- v collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a collector current, i c -- a dc current gain, h fe collector current, i c -- a dc current gain, h fe collector current, i c -- a gain-bandwidth product, f t -- mhz collector current, i c -- a gain-bandwidth product, f t -- mhz collector-to-base voltage, v cb -- v output capacitance, cob -- pf collector-to-base voltage, v cb -- v output capacitance, cob -- pf .com .com .com .com 4 .com u datasheet free datasheet http://www.datasheet-pdf.com/
2sa2169 / 2sC6017 no.8275-4/5 v be (sat) -- i c 3 --1.0 2 --0.01 --0.1 --10 ta= --25 c 25 c 2 7 5 3 23 57 2 --1.0 357 2357 2sa2169 i c / i b =50 it08975 2sC6017 i c / i b =50 v be (sat) -- i c it08976 75 c 3 1.0 2 0.01 0.1 10 ta= --25 c 25 c 2 7 5 3 23 57 2 1.0 357 2357 75 c --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 7 5 3 2 7 5 3 2 7 5 3 2 --0.1 --1.0 --0.01 v ce (sat) -- i c it08973 ta=75 c 25 c --25 c 0.01 0.1 23 57 23 57 23 57 1.0 10 7 5 3 2 7 5 3 2 0.1 0.01 ta=75 c 25 c --25 c 2sa2169 i c / i b =50 v ce (sat) -- i c it08974 v ce (sat) -- i c it08972 2sC6017 i c / i b =20 --1.0 --0.1 2 3 5 7 2 3 5 7 --0.01 5 7 3 --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 v ce (sat) -- i c ta=75 c --25 c it08971 2sa2169 i c / i b =20 25 c 1.0 0.1 2 3 5 7 2 3 5 7 0.01 5 7 3 0.01 0.1 23 57 23 57 23 57 1.0 10 ta=75 c --25 c 25 c 2sC6017 i c / i b =50 collector current, i c -- a collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v collector current, i c -- a collector current, i c -- a collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v 0.01 1.0 7 5 3 2 7 5 3 2 0.1 3 10 5 7 3 2 2 it09360 a s o 0.1 1.0 23 57 23 57 2 7 5 3 10 2sa2169 / 2sC6017 tc=25 c single pulse for pnp minus sign is omitted. i cp =13a (pw 100 m s) i c =10a 100 m s 500 m s 10 m s 1ms 10ms dc operation 100ms 0 0.2 0.4 0.6 0.8 1.0 0.95 0 20 40 60 80 100 120 140 160 p c -- ta it09361 2sa2169 / 2sC6017 collector-to-emitter voltage, v ce -- v collector current, i c -- a no heat sink ambient temperature, ta -- c collector dissipation, p c -- w .com .com .com .com 4 .com u datasheet free datasheet http://www.datasheet-pdf.com/
2sa2169 / 2sC6017 no.8275-5/5 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of march, 2005. specifications and information herein are subject to change without notice. ps 0 p c -- tc it09362 5 10 20 15 25 0 20 40 60 80 100 120 140 160 2sa2169 / 2sC6017 collector dissipation, p c -- w case temperature, tc -- c .com .com .com 4 .com u datasheet free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of C6017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X